Part Number Hot Search : 
5KP180CA F1209 F1209 LT301 1563CN ADUM3190 2424D 32200
Product Description
Full Text Search
 

To Download HEF4027BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4027B flip-flops Dual JK flip-flop
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
Dual JK flip-flop
DESCRIPTION The HEF4027B is a dual JK flip-flop which is edge-triggered and features independent set direct (SD), clear direct (CD), clock (CP) inputs and outputs (O,O). Data is accepted when CP is LOW, and transferred to the output on the positive-going edge of the clock. The active HIGH asynchronous clear-direct (CD) and set-direct (SD) are independent and override the J, K, and CP inputs. The outputs are buffered for best system performance. Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock rise and fall times. FUNCTION TABLES INPUTS SD H L H CD L H H CP X X X J X X X K X X X
HEF4027B flip-flops
OUTPUTS O H L H O L H H
INPUTS SD L L L L Notes CD L L L L CP J L H L H K L L H H
OUTPUTS On + 1 H L On On + 1 L H On
no change
1. H = HIGH state (the more positive voltage) L = LOW state (the less positive voltage) X = state is immaterial = positive-going transition On + 1 = state after clock positive transition PINNING J,K CP SD CD O O synchronous inputs clock input (L to H edge-triggered) asynchronous set-direct input (active HIGH) asynchronous clear-direct input (active HIGH) true output complement output
Fig.1 Functional diagram.
HEF4027BP(N): HEF4027BD(F): HEF4027BT(D):
16-lead DIL; plastic (SOT38-1) 16-lead DIL; ceramic (cerdip) (SOT74) 16-lead SO; plastic (SOT109-1)
( ): Package Designator North America FAMILY DATA, IDD LIMITS category FLIP-FLOPS See Family Specifications
Fig.2 Pinning diagram.
January 1995
2
Philips Semiconductors
Product specification
Dual JK flip-flop
HEF4027B flip-flops
Fig.3 Logic diagram (one flip-flop).
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays CP O, O HIGH to LOW 5 10 15 5 LOW to HIGH SD O LOW to HIGH CD O HIGH to LOW SD O HIGH to LOW 10 15 5 10 15 5 10 15 5 10 15 tPHL tPHL tPLH tPLH tPHL 105 40 30 85 35 30 70 30 25 120 45 35 140 55 40 210 ns 80 ns 60 ns 170 ns 70 ns 60 ns 140 ns 60 ns 50 ns 240 ns 90 ns 70 ns 280 ns 110 ns 80 ns 78 ns + (0,55 ns/pF) CL 29 ns + (0,23 ns/pF) CL 22 ns + (0,16 ns/pF) CL 58 ns + (0,55 ns/pF) CL 27 ns + (0,23 ns/pF) CL 22 ns + (0,16 ns/pF) CL 43 ns + (0,55 ns/pF) CL 19 ns + (0,23 ns/pF) CL 17 ns + (0,16 ns/pF) CL 93 ns + (0,55 ns/pF) CL 33 ns + (0,23 ns/pF) CL 27 ns + (0,16 ns/pF) CL 113 ns + (0,55 ns/pF) CL 44 ns + (0,23 ns/pF) CL 32 ns + (0,16 ns/pF) CL SYMBOL MIN. TYP. MAX. TYPICAL EXTRAPOLATION FORMULA
January 1995
3
Philips Semiconductors
Product specification
Dual JK flip-flop
HEF4027B flip-flops
VDD V SYMBOL MIN. TYP. 75 tPLH 35 25 60 tTHL 30 20 60 tTLH 50 tsu 30 20 25 thold 20 15 80 tWCPL 30 24 90 tWSDH, tWCDH tRSD, tRCD 40 30 20 15 10 4 fmax 12 15 30 20 25 10 5 0 0 5 40 15 12 45 20 15 -15 -10 -5 8 25 30 MAX. 150 ns 70 ns 50 ns 120 ns 60 ns 40 ns 120 ns 60 ns 40 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns MHz MHz MHz see also waveforms Fig.4 see also waveforms Figs 4 and 5 TYPICAL EXTRAPOLATION FORMULA 48 ns + (0,55 ns/pF) CL 24 ns + (0,23 ns/pF) CL 17 ns + (0,16 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL 10 ns + (1,0 ns/pF) CL 9 ns + (0,42 ns/pF) CL 6 ns + (0,28 ns/pF) CL
CD O LOW to HIGH Output transition times HIGH to LOW
5 10 15 5 10 15 5
LOW to HIGH Set-up time J,K CP Hold time J,K CP Minimum clock pulse width; LOW Minimum SD, CD pulse width; HIGH Recovery time for SD, CD Maximum clock pulse frequency J = K = HIGH
10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 900 fi + (foCL) x VDD2 4 500 fi + (foCL) x 13 200 fi + (foCL) x VDD2 VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
4
Philips Semiconductors
Product specification
Dual JK flip-flop
HEF4027B flip-flops
Fig.4
Waveforms showing set-up times, hold times and minimum clock pulse width. Set-up and hold times are shown as positive values but may be specified as negative values.
Fig.5 Waveforms showing recovery times for SD and CD; minimum SD and CD pulse widths.
APPLICATION INFORMATION Some examples of applications for the HEF4027B are: * Registers * Counters * Control circuits January 1995 5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of HEF4027BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X